w-11 series 801 plug connector series 801 mighty mouse double-start acme threads plug 801-007 and 801-008 ordering information glenairs series 801 mighty mouse connector features a double-start modifed stub acme mating thread for improved protection against cross-mating and thread damage. connector shells are machined aluminum or stainless steel, and are designed to accommodate (depending on insert arrangement) glenair size 16, 20hd, or 23 fber optic termini (termini sold separately.) metal clips inside the connector body lock the termini into place. termini are removable. fluorosilicone seals and rear grommet protect the connector from water ingress. choose hex or knurled coupling nut. terminate cable shield directly to connector body with band-master? strap, or choose rear accessory thread to attach optional backshell. available in shell sizes 5 through 21 in 30 insert arrangements. how to order sample part number 801-007 -16 m 7-10 a a series (see table i) 801-007 = with banding platform 801-008 = with rear accessory thread shell style -16 = plug with anti-decoupling spring -26 = self-locking plug with ratchet mechanism (the "clicker") shell material and finish c = aluminum / black anodize (non-conductive) rohs compliant m = aluminum / electroless nickel rohs compliant nf = aluminum / cadmium with olive drab chromate zn = aluminum / zinc-nickel with olive drab chromate znu = aluminum / zinc-nickel with black chromate mt = aluminum / nickel-ptfe rohs compliant z1 = stainless steel / passivated rohs compliant shell size - insert arrangement see insert arrangements page w-3, w-6, w-8 contact type connector supplied without termini. please indicate pin or socket. a = pin connector, less termini b = socket connector, less termini shell key positions (see table ii) a = normal b = pos. b c = pos. c d = pos. d e = pos. f f = pos. f table i: series 801-007 banding platform 801-008 rear accessory thread table ii: key positions a b b a a 150 210 b 75 210 c 95 230 d 140 275 e 75 275 f 95 210 www.glenair.com e-mail: sales@glenair.com glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 ? 2014 glenair, inc. series 80 mighty mouse u.s. cage code 06324 printed in u.s.a. dimensions in inches (millimeters) are subject to change without notice. mighty mouse with #8 contacts fiber optic mighty mouse w
|